vishay siliconix si9200 document number: 70015 s11-0975-rev. d, 16-may-11 www.vishay.com 1 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 can bus driver and receiver features ? survives ground shorts and transients on multiplexed bus in automotive and industrial applications ? single power supply ? compatible with intel 82526 can controller ? direct interface - no external components required ? automotive temperature range (- 40 c to 125 c) description the si9200ey is designed to interface between the intel 82526 can controller and the physical bus to provide drive capability to the bus and differential receive capability to the controller. it is designed to absorb typical electrical transients on the bus which may occur in an automotive or industrial application, and prot ect itself against any abnormal bus conditions. the transmitter will be disabled during these conditions and will be re-enabled when the abnormal condition is cleared. the si9200ey is built using the siliconix bic/dmos process. this process suppor ts cmos, dmos, and isolated bipolar transistors and uses an epitaxial layer to prevent latchup. the bus line pins ar e diode protected and can be driven beyond the v dd to ground range. the si9200ey is offered in the space efficient 8-pin high- density surface-mount plastic package and is specified over the automotive temperature range (- 40 c to 125 c). the si9200ey is available in lead free. pin configuration and functional block diagram tx rx v dd ca n _h ca n _l ref b u s g n d d n g x t g n d ca n _h v dd ca n _l rx ref so-8 5 6 7 8 top v ie w 2 3 4 1 ordering information : SI9200EY-T1 SI9200EY-T1?e3 (lead free)
www.vishay.com 2 document number: 70015 s11-0975-rev. d, 16-may-11 vishay siliconix si9200 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes: a. extended exposure to the absolute maximum ratings or stresses beyond these ratings ma y affect device reli ability or may caus e permanent damage to the device. functional operat ion at conditions other than the recomm ended operating conditions is not implied. b. mounted on 1-in 2 , fr4 pc board. absolute maximum ratings a parameter limit unit operating temperature (t a ) - 40 to 125 c junction and storage temperature - 55 to 150 voltage on any pin (except can_h and can_l) with respect to ground - 0.3 to v dd + 0.3 v voltage on can_h and can_l with respect to ground - 3 to 16 supply voltage, v dd - 0.3 to 12 continuous output current 100 ma thermal ratings b : r thja 62.5 (no airflow) c recommended operating range parameter limit unit v dd 4.75 to 5.25 v bus load resistance 60 ? specifications parameter symbol test conditions unless otherwise specified v dd = 4.75 v to 5.25 v limits t a = - 40 v to 125 c unit min. b typ. c max. b input tx input voltage high v inh 4 v tx input voltage low v inl 1 tx input current low i il tx = 0 v - 50 - 2 a tx input current high i ih tx = v dd - 1 1 output bus recessive v can_hr, v can_lr tx = v inh , r l = ? 22.5 3 v v dif = v can_hr - v can_lr - 0.5 0 0.05 bus dominant v can_hd tx = v inl , r l = 60 ? 2.75 3.5 4.5 v can_ld 0.5 1.5 2.25 v dif = v can_hd - v can_ld 1.5 2 3 reference output v ref - 25 a ? i ref ? 25 a 0.5 v dd - 0.2 0.5 v dd 0.5 v dd + 0.2 receive output (bus recessive conditions) v rx h tx = v inh - 2 ? v can_h , v can_l ? 7 - 1 ? v can_h - v can_l ? 0.5 (bus recessive) i out = - 10 a v dd - 0.3 v dd - 0.05 i out = - 100 a v dd - 1 v dd - 0.2 i out = - 2 ma v dd - 1.75 v dd - 1 receive output (bus dominant conditions) v rx l tx = v inh - 0.8 ? v can_h ? 7 - 2 ? v can_l ? 5.8 0.9 ? v can_h - v can_l ? 5 ( bus dominant) i out = 10 a 0.05 0.3 i out = 100 a 0.2 1 i out = 2 ma 11.75 internal resistance from bus pins r in , bus_l tx = v inh (recessive) 550 k ? r in , bus_h 550 r diff 10 100 internal capacitance from bus pins c c in (can_h, can_l) 50 pf
document number: 70015 s11-0975-rev. d, 16-may-11 www.vishay.com 3 vishay siliconix si9200 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes: a. typical values are for design aid only at t a = 25 c, not guaranteed nor subject to production testing. b. the algebraic convention whereby the most negative value is a minimu m and the most positive a maximum. c. guaranteed by design, not subject to production test. parameter symbol test conditions unless otherwise specified v dd = 4.75 v to 5.25 v limits t a =- 40 v to 125 c unit min. b typ. c max. b dynamic propagation delay - tx to v diff high t on-tx 50 ns propagation delay - tx to v diff low t off-tx 50 propagation delay - tx to receive low t on-rx 120 propagation delay - tx to receive high t off-rx 120 supply suppply current i dd tx = v inh , v dd = 5.25 v, r l = 60 ?? (recessive) 25 ma tx = v inl , v dd = 5.25 v, r l = 60 ?? (dominant) 40 75 transient c electrostatic discharge human body model v esd c l = 100 pf, r l = 1500 ? mil-std-883d, method 3015 2000 v bus transient voltage v trans r s = 1000 ? , 1 ms - 60 60 protection thermal trip point c t trp 150 165 180 c thermal hysteresis c t hys 10 20 30 truth table tx mode bus state can_h can_l rx low transmit dominant high low low high (or floating) transmit and rece ive recessive floating floating high high (or floating) receive recessive high low low specifications
www.vishay.com 4 document number: 70015 s11-0975-rev. d, 16-may-11 vishay siliconix si9200 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 switching time test circuit circuit schematic tx v diff = v ca n _ h ? v ca n _ l v rx ? v ref t o n -tx 50% 1 v t o n -rx t off-rx tx ref rx ca n _h r l = 60 c l 100 pf 30 pf 30 pf ca n _l 0 100 m v 100 m v t off-tx t r , t f 10 ns 5 v 0 v v dd v dd 2 wire t w isted pair (shielded) host controller 120 1 m b it ca n b u s 120 ca n _h rx ref 10 10 v dd g n d ca n _l c u rrent limit protection tx v ref temp sense delay fa u lt
vishay siliconix package information document number: 71192 11-sep-06 www.vishay.com 1 dim millimeters inches min max min max a 1.35 1.75 0.053 0.069 a 1 0.10 0.20 0.004 0.008 b 0.35 0.51 0.014 0.020 c 0.19 0.25 0.0075 0.010 d 4.80 5.00 0.189 0.196 e 3.80 4.00 0.150 0.157 e 1.27 bsc 0.050 bsc h 5.80 6.20 0.228 0.244 h 0.25 0.50 0.010 0.020 l 0.50 0.93 0.020 0.037 q0808 s 0.44 0.64 0.018 0.026 ecn: c-06527-rev. i, 11-sep-06 dwg: 5498 4 3 1 2 5 6 8 7 h e h x 45 c all le a d s q 0.101 mm 0.004" l ba 1 a e d 0.25 mm (g a ge pl a ne) s oic (narrow): 8-lead jedec p a rt n u m b er: m s -012 s
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.
|